PART |
Description |
Maker |
SE3806 |
1.25MHz, 600mA Synchronous Step-Down Regulator
|
Seaward Electronics Inc.
|
SC4620810 SC4620812 SC4620815 SC4620818 SC4620825 |
1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
|
Silan Microelectronics Joint-stock
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
AMS2906 AMS2906-15 AMS2906-25 AMS2906-28 AMS2906-3 |
5.0V 600mA low dropout voltage regulator 2.85V 600mA low dropout voltage regulator 2.5V 600mA low dropout voltage regulator 1.5V 600mA low dropout voltage regulator Synchronous Presettable Binary Counters with Asynchronous Reset 16-SOIC -55 to 125 600mA的低压差稳压 600mA LOW DROPOUT VOLTAGE REGULATOR 600mA的低压差稳压 Synchronous Presettable Binary Counters with Asynchronous Reset 16-PDIP -55 to 125 3.3V 600mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
RT8057A GRM31CR71A106KA01 GRM31CR71A475KA01 |
2.25MHz 1A Synchronous Step-Down Converter
|
Richtek Technology Corporation Richtek Technology Corp...
|
LTC3542EDC-PBF LTC3542EDC-TRPBF LTC3542ES6-PBF LTC |
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
LTC3407-3 |
Dual Synchronous 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
BD90535EFJ-CE2 |
2.69 to 5.5V, 1.5V Output, 2.25MHz Synchronous Step-Down Converter
|
Rohm
|
LTC3427 |
500mA 1.25MHz Synchronous Step-Up DC/DC Converter
|
Linear Technology
|
LTC3410-1.875 LTC3410ESC6-1.875 |
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
|
Linear Technology
|
LTC3548AEDDPBF LTC3548AIDDPBF LTC3548AIDDTRPBF LTC |
Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|